MC7808ACT - THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 Analog Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders SMA R/A PLUG TO JACK RoHS Compliant: Yes 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, SFM3 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 8 V FIXED POSITIVE REGULATOR, SFM3 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive vlotage regulators 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A Positive Vlotage Regulators 正电压稳压器1.0 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, PSSO2 16-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Isolated, Wide-Output, Power Module w/ TurboTra 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, PSSO2 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 3-A, 3.3/5-V Input Adjustable Switching Regulator 5-DIP MODULE -40 to 85 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85 |